Part Number Hot Search : 
2SC383 74HC485 MA728 ST3406 DMF09S D3SB60 2SC383 2SC383
Product Description
Full Text Search
 

To Download UVZ1E221MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors vz series wide temperature range small case sizes as same as vr series, but operating over wide temperature range of 55 to +105? c. compliant to the rohs directive (2011/65/eu). radial lead type specifications type numbering system (example : 10v 330f) category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 55 to +105?c (6.3 to 100v) , 40 to +105?c (160 to 400v), 25 to +105?c (450v) 6.3 to 450v 0.1 to 33000f 20% at 120hz, 20 ?c printed with white color letter on black sleeve. after storing the capacitors under no load at 105 ?c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. rated voltage (v ) 6.3 to 100 160 to 450 after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4 (a), whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a), whichever is greater. after 1 minute's application of rated voltage, cv < = 1000 : i = 0.1cv+40 (a) or less after 1 minute's application of rated voltage, cv > 1000 : i = 0.04cv+100 (a) or less measurement frequency : 120hz z 25?c / z+20?c z 40?c / z+20?c rated voltage (v) impedance ratio zt / z20 (max. ) 6.3 5 10 10 4 8 16 3 6 25 2 4 35 2 3 50 2 3 63 2 3 100 2 3 160 to 200 3 4 250 to 350 4 8 400 6 10 450 15 the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 1000 hours at 105 c. vz vr ps pj high rippie current high reliability u 1 v 2 z 3 1 4 a 5 3 6 3 7 1 8 m 9 e 10 d 11 configuration capacitance tolerance ( 20%) rated capacitance (330f) rated voltage (10v) series name type pressure relief vent 15 min 4 min d d + max p 0.5 (6.3up) l + max d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 8 10 pd 12.5 to 18 hd 20 to 25 rd configuration sleeve ( p.e.t. ) d p d 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 18 7.5 0.8 20 22 10.0 10.0 1.0 1.0 25 12.5 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 (l 20) 1.5 (l 20) 2.0 (mm) rated voltage (v ) tan ( max. ) 6.3 0.28 10 0.24 16 0.20 25 0.16 35 0.14 50 0.12 63 0.10 100 0.08 160 to 315 0.20 350 to 450 0.25 for capacitance of more than 1000 f , add 0.02 for every increase of 1000 f . measurement frequency : 120hz at 20 ?c high temperature leakage current tan capacitance change less than or equal to the initial specified value 200% or less than the initial specified value within 20% of the initial capacitance value please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. please refer to page 20 about the end seal configuration. (through 100v only) dimension table in next page. vy smaller cat.8100c
vz series aluminum electrolytic capacitors dimensions 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 153 223 333 v 0j 6.3 1h 50 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 6.3 11 .5 6.3 11 .5 8 11.5 10 20 .5 10 20 .5 12.5 20 .5 12.5 25 .5 16 25 .5 16 35.5 18 40 .5 22 50 .5 45 55 65 95 145 195 230 390 710 840 1090 1350 1650 2010 2350 2800 1.3 2.9 4.3 7 13 20 25 30 46 68 90 115 190 300 410 530 950 1470 1770 2100 2500 2850 1v 35 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 6.3 11 .5 10 12.5 10 12.5 10 16 .5 12.5 20 .5 16 25 .5 16 35.5 18 35.5 20 40 .5 22 50 .5 25 50 .5 28 41 61 75 93 150 275 350 460 810 1260 1610 1910 2150 2650 3100 1e 25 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 6.3 11 .5 8 11.5 10 12.5 10 12.5 10 20 .5 12.5 25 .5 16 25 .5 16 31.5 18 35.5 20 40 .5 22 50 .5 25 50 .5 25 36 58 68 83 140 240 315 380 680 1090 1400 1710 2040 2150 2750 3250 1c 16 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 6.3 11 .5 8 11.5 8 11.5 10 16 .5 12.5 20 .5 12.5 25 .5 16 25 .5 16 35.5 18 35.5 20 40 .5 22 50 .5 25 50 .5 35 54 65 79 115 190 265 315 560 920 1170 1480 1780 2060 2430 3000 3450 1a 10 5 11 .5 5 11 .5 5 11 .5 5 11 .5 6.3 11 .5 6.3 11 .5 6.3 11 .5 10 12.5 10 20 .5 12.5 20 .5 12.5 25 .5 16 25 .5 16 35.5 18 35.5 20 40 .5 22 50 .5 45 58 68 105 175 210 250 460 760 1000 1260 1570 1890 2180 2650 3250 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 6.3 11 .5 8 11.5 10 12.5 10 16 .5 12.5 20 .5 12.5 25 .5 16 35.5 18 35.5 20 40 .5 22 50 .5 25 50 .5 case size d l (mm) 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 2w 450 13 23 31 40 65 115 165 185 270 rated ripple current (marms) at 105 ?c 120hz 8 11.5 10 12.5 10 16 .5 10 20 .5 12.5 20 .5 16 25 .5 16 35.5 18 40 .5 22 40 .5 case size d l (mm) 2g 400 17 30 38 50 90 165 215 270 450 660 2v 350 15 26 38 45 80 115 195 270 420 620 6.3 11 .5 8 11.5 10 12.5 10 12.5 10 20 .5 12.5 25 .5 16 25 .5 16 35.5 18 40 .5 22 50 .5 2f 315 15 26 38 45 80 115 195 230 395 620 760 6.3 11 .5 8 11.5 10 12.5 10 12.5 10 20 .5 12.5 20 .5 16 25 .5 16 25 .5 18 35.5 22 50 .5 25 50 .5 2e 250 10 15 23 32 39 74 130 160 210 365 600 730 870 6.3 11 .5 6.3 11 .5 6.3 11 .5 8 11.5 8 11.5 10 16 .5 12.5 20 .5 12.5 20 .5 12.5 25 .5 16 31.5 20 40 .5 22 50 .5 25 50 .5 2d 200 11 16 25 30 39 65 120 160 195 375 575 705 840 0 6.3 11 .5 6.3 11 .5 6.3 11 .5 6.3 11 .5 8 11.5 10 12.5 10 20 .5 12.5 20 .5 12.5 20 .5 16 31.5 18 35.5 20 40 .5 22 50 .5 2c 160 11 16 25 30 34 41 100 145 195 215 570 750 900 1310 6.3 11 .5 6.3 11 .5 6.3 11 .5 6.3 11 .5 6.3 11 .5 8 11.5 10 16 .5 10 20 .5 12.5 20 .5 12.5 25 .5 16 35.5 18 40 .5 22 40 .5 25 50 .5 2a 100 1.5 3.4 5.0 7.1 15 21 29 32 54 93 130 165 265 440 540 715 985 1750 2070 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 5 11 .5 6.3 11 .5 6.3 11 .5 8 11.5 10 12.5 10 20 .5 12.5 25 .5 12.5 25 .5 16 25 .5 18 40 .5 22 50 .5 25 50 .5 1j 63 46 71 100 120 215 335 510 640 930 1650 1950 2450 2800 5 11 .5 5 11 .5 6.3 11 .5 6.3 11 .5 10 12.5 10 16 .5 10 20 .5 12.5 20 .5 16 25 .5 18 35.5 20 40 .5 22 50 .5 25 50 .5 frequency coefficient of rated ripple current 0.1 to 47 100 to 470 1000 to 33000 0.47 to 220 330 to 1000 6.3 to 100 v 160 to 450 50hz 120hz 300hz 1 khz 10 khz or more 0.75 1.00 1.35 1.57 2.00 0.80 1.00 1.23 1.34 1.50 0.85 1.00 1.10 1.13 1.15 0.80 1.00 1.25 1.40 1.60 0.90 1.00 1.10 1.13 1.15 0 8 11.5 10 12.5 10 12.5 10 16 .5 12.5 20 .5 16 25 .5 16 31.5 16 35.5 20 40 .5 25 50 .5 code cap.(f) code cap.(f) v frequency cap. (f) rated ripple rated ripple cat.8100c


▲Up To Search▲   

 
Price & Availability of UVZ1E221MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X